PART |
Description |
Maker |
PB137 6278 PB137ACV |
From old datasheet system POSITIVE VOLTAGE REGUALTOR FOR BATTERY CHARGER POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
|
意法半导 STMicroelectronics SGS Thomson Microelectronics
|
MIC7905005 MIC79050-4.2YS |
1 A BATTERY CHARGE CONTROLLER, PSSO3 Simple Lithium-Ion Battery Charger
|
MICREL INC Micrel Semiconductor
|
ADP3806 ADP3806JRU ADP3806JRU-125 ADP3806JRU-126 A |
0.3-25V; high frequency switch mode Li-Ion battery charger. For portable computers, fast chargers Analog IC High-Frequency Switch Mode Li-Ion Battery Charger 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24
|
AD[Analog Devices] ANALOG DEVICES INC
|
LTC4050 LTC4050EMS-4.1 LTC4050EMS-4.2 TC4050EMS-4. |
1A Lithium-Ion Linear Battery Charger Controller with Thermistor Interface Lithium-Ion Linear Battery Charger with Thermistor Interface Lithium-Ion Linear Battery Charger Controller with Thermistor Interface; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C
|
LINER[Linear Technology] LINEAR TECHNOLOGY CORP
|
MP2661 |
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
|
Monolithic Power System...
|
UM607XG-AG6-R UM607XL-AG6-R |
CC, CV CONTROL FOR BATTERY CHARGER AND CHARGER AND
|
Unisonic Technologies
|
LTC3550-1 LTC3550EDHC-1TRPBF LTC3550-1-15 |
Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.3 A BATTERY CHARGE CONTROLLER, 1800 kHz SWITCHING FREQ-MAX, PDSO16 Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
|
http:// Linear Technology, Corp.
|
LTC4060 LTC4060EDHC LTC4060EFE 4060 4060EFE |
Standalone linear LiMH/NiCd fast battery charger. Standalone Linear NiMH/NiCd Fast Battery Charger
|
Linear Technology LINEAR[Linear Integrated Systems]
|
AM29LV033C-90 AM29LV033C-90EE AM29LV033C-90EI AM29 |
LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 2500; Container: Reel 4M X 8 FLASH 3V PROM, 90 ns, PDSO40 32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PBGA63 LM3622 Lithium-Ion Battery Charger Controller; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 32兆位个M × 8位)的CMOS 3.0伏特,只有统一部门闪存
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MAX1644 MAX1645EEI |
Advanced Chemistry-Independent / Level 2 Battery Charger with Input Current Limiting Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting 2A、低电压、降压型稳压器,内置同步整流与开
|
Maxim Integrated Products, Inc.
|